PART |
Description |
Maker |
NTHD5902T1 NTHD5902T1-D |
Power MOSFET Dual N-Channel ChipFET 2.9 Amps, 30 Volts Power MOSFET Dual N-Channel ChipFET TM(双N沟道ChipFET TM功率MOSFET) 2900 mA, 30 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ON Semiconductor
|
USB10H |
Dual P-Channel 2.5V Specified PowerTrench MOSFET Dual P-Channel 2.5V Specified PowerTrench MOSFET(双P沟道 PowerTrench MOS场效应管(漏电流-1.9A, 漏源电压-20V,导通电.17Ω 1900 mA, 20 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Vishay Intertechnology, Inc.
|
FDS9958 |
-60V Dual P-Channel PowerTrenchMOSFET Dual P-Channel PowerTrench㈢ MOSFET Dual P-Channel PowerTrench? MOSFET
|
Fairchild Semiconductor
|
PST593DM PST592C PST592CM PST591JM PST591H PST591H |
30V FETKY - MOSFET and Schottky Diode in a SO-8 package; Similar to IRF7901D1 with Lead Free Packaging 30V Dual N-Channel HEXFET Power MOSFET in a TSSOP-8 package; A IRF7752 with Standard Packaging 20V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7301 with Lead Free Packaging 30V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7303 with Lead Free Packaging 200V Dual N-Channel Digital Audio HEXFET Power MOSFET in a TO-220 Full-Pak(Iso) package.; A IRFI4020H-117P with Standard Packaging 电压检测器 Voltage Detector 电压检测器 30V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF9956 with Standard Packaging 电压检测器 30V Dual N- and P- Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF9952 with Lead Free Packaging 电压检测器
|
NXP Semiconductors N.V. Intersil, Corp.
|
SI9933BDY SI9933BDY-E3 SI9933BDY-T1-E3 |
Dual P-Channel 2.5-V (G-S) MOSFET 双P沟道2.5VG-S)MOSFET Dual P-Channel 2.5-V (G-S) MOSFET 双P沟道.5 V(GS)的MOSFET
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. Vishay Siliconix
|
FDS8858CZ |
Dual N & P-Channel PowerTrench? MOSFET N-Channel: 30V, 8.6A, 17.0mΩ P-Channel: -30V, -7.3A, 20.5mΩ Dual N & P-Channel PowerTrench㈢ MOSFET N-Channel: 30V, 8.6A, 17.0mヘ P-Channel: -30V, -7.3A, 20.5mヘ
|
Fairchild Semiconductor
|
APM9988COC-TUL APM9988COC-TRL |
Dual N-Channel Enhancement Mode MOSFET 双N沟道增强型MOS Dual N-Channel Enhancement Mode MOSFET 6 A, 20 V, 0.02 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET, MO-153AA
|
Anpec Electronics, Corp.
|
ZXMP62M832TA ZXMP62M832 |
MPPS Miniature Package Power Solutions DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET 1300 mA, 20 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
DMG1024UV DMG1024UV-7 DMG1024UV-15 |
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET 1390 mA, 20 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET GREEN, PLASTIC PACKAGE-6
|
Diodes Incorporated Diodes, Inc.
|
ZXMP6A18DN8NBSP ZXMP6A18DN8 ZXMP6A18DN8TC ZXMP6A18 |
DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET 3.7 A, 60 V, 0.055 ohm, 2 CHANNEL, P-CHANNEL, Si, POWER, MOSFET From old datasheet system
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors] Diodes Incorporated
|
ZXMP3A16DN8TC ZXMP3A16DN8 ZXMP3A16DN8TA |
DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET 双P沟道增强型MOSFET0V DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET 4200 mA, 30 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
EL7242CN EL7252CSZ-T7 EL7242 EL7242CS EL7242CS-T13 |
Dual Input, High Speed, Dual Channel Power MOSFET Driver 2 A 2 CHANNEL, AND GATE BASED MOSFET DRIVER, PDIP8
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|